Part Number Hot Search : 
3224A SM7744DW 15N120 XMEGA CTP4407 PRODUCTS MC34929 01900
Product Description
Full Text Search
 

To Download TLS20105111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dsp - 15 - 8 - sp e - 15 - 8 - 067 /a/ss page 1 of 13 specification part no. : tls.2 0.105111 description : shockwave 450 - 470 mhz permanent mount external antenna 1m cfd - 200 sma(m) connector feature s : cdma 450 - 470 mhz wit h at least 45 % efficiency mechanically robust for indoor/outdoor applications he ight: 79.45mm(3.13") ; diameter : 42mm(1.65") ip67 and ip69k waterproof 1 meter of low loss cfd - 200 cable sma(m) connector rohs compliant
dsp - 15 - 8 - sp e - 15 - 8 - 067 /a/ss page 2 of 13 1. introduction the shockwave tls.20 .105111 is a mechanically robust, waterproof, external antenna operating at 450 - 470mhz with 1 meter of low loss cfd - 200 and sma(m) connector. it has been designed to be used on a ground plane. common applications are, for instance : public safety smart meters mesh networks transportation t h e antenna has greater than 45 % effi ciency and - 0.71 dbi peak gain at cdma 450 - 470 mhz on a 30x30 cm ground plane. stable radiation patterns over low angles provides consistent gain in the horizontal plane , meaning th at it is especially suitable for mesh networks or hot spots. a unique inden t tab on the base of the antenna allows a wrench to be used to solidly lock the antenna on top of its mounting location while tightening up the nut beneath the metal panel. waterproof o - rings around the bottom base prevent water from leaking under the ante nna. the tls.2 0 antenna is ip67 waterproof and ip69k resistant against high pressure water jets in commercial cleaning environments , which makes the antenna ideal for 450 - 470 mhz application s in harsh outdoor environments.
dsp - 15 - 8 - sp e - 15 - 8 - 067 /a/ss page 3 of 13 2. specification electrical op eration band cdma450 operation frequency(mhz) 450 460 470 on 30 x 30 cm ground plane efficiency (%) 45.50 54.28 53.34 peak gain (dbi) - 1.33 - 0.71 - 0.79 a verage gain (dbi) - 3.23 - 2.65 - 2.72 return loss (db) < - 5 impedance 50 polarization vertical radiation property omni - directional max input power 100 w mechanical dimension (mm) height: 79.45mm(3.13") ; diameter : 42mm(1.65") cable 1 meter cfd - 200 connector sma(m) material housing : uv resistant abs , base : nickel plated zinc alloy weig ht (g) 205 rec. torque for mounting 4.018 n .m max. torque for mounting 9.8 n.m environmental waterproof rating ip67 and ip69k operation temperature - 40c to 85 ? humidity non - condensing 65? 95% rh
dsp - 15 - 8 - sp e - 15 - 8 - 067 /a/ss page 4 of 13 3. antenna characteristcs 3.1. return loss 3.2. efficiency
dsp - 15 - 8 - sp e - 15 - 8 - 067 /a/ss page 5 of 13 3.3. average gain 3.4. peak gain
dsp - 15 - 8 - sp e - 15 - 8 - 067 /a/ss page 6 of 13 4. antenna radiation p attern 4.1. measurement setup the tls.20 antenna is tested in a ctia certified ets - lindgr en anechoic chamber . the test setup is shown below .
dsp - 15 - 8 - sp e - 15 - 8 - 067 /a/ss page 7 of 13 4.2. 2d radiation pattern xy plane x z plane x x z y
dsp - 15 - 8 - sp e - 15 - 8 - 067 /a/ss page 8 of 13 y z plane y z
dsp - 15 - 8 - sp e - 15 - 8 - 067 /a/ss page 9 of 13 4.3. 3d radiation pattern @ 450mhz @460mhz
dsp - 15 - 8 - sp e - 15 - 8 - 067 /a/ss page 10 of 13 @470mhz
dsp - 15 - 8 - sp e - 15 - 8 - 067 /a/ss page 11 of 13 5. mechanical drawing unit : mm
dsp - 15 - 8 - sp e - 15 - 8 - 067 /a/ss page 12 of 13 6. installation
dsp - 15 - 8 - sp e - 15 - 8 - 067 /a/ss page 13 of 13 7. packaging


▲Up To Search▲   

 
Price & Availability of TLS20105111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X